Part Number Hot Search : 
1H333 PVN012 2N5056 UV110ACL 12800 LPC11CXX TA806 RFR3607
Product Description
Full Text Search
 

To Download GBPC40005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC4005 THRU GBPC4010
FEATURES
* * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 40.0 Amperes
1.135(28.8) 1.115(28.3) 0.72(17.1) .632(16.1)
AC
GBPC35
Plastic package has UL flammability classification 94V-0 Integrally molded heatsink provides very low thermal resistance for maximum heat dissipation High forward surge capacity Glass passivated chip junction High isolation voltage from case to lugs High temperature soldering guaranteed: 260/10 seconds,
+
1.135(28.8) 1.115(28.3)
.672(17.1) .632(16.1)
.582(14.8) .542(13.8)
AC
.732(18.6) .692(17.6)
0.094(2.4)DIA. 0.034(.86) .25(6.35)
MECHANICAL DATA
* * * * * *
0.030(.76)
Case:Epoxy, Molded Plastic with integrally mounted heatsink Terminals: Plated 0.25"(6.35mm) lug Polarity: Polarity symbols market on case Mounting: Thru hole for #10 screw, 20 in-lbs Torque max. Weight: 0.62 ounce, 17.5 gram
.840(21.3) .310(7.87) .290(7.36) .740(18.8)
.220(5.59) .100(5.08) HOLE FOR #10 SCREW
METAL HEAT SINK
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS GBPC GBPC
40005 4001
GBPC
4002
GBPC
4004
GBPC
4006
GBPC
4008
GBPC
4010
UNIT Volts Volts Volts Amps Amps A2s Volts A Volts
/W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current At TC=55 (SEE FIG.1) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per Bridge element 20.0A TA = 25 Maximum DC Reverse Current at rated DC blocking Voltage per element TA = 125 Isolation Voltage from case to lug Typical Thermal Resistance (Note 1 and 2) Operating Junction Temperature Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM I2 t VF IR VISO RJC TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 35 300 660 1.1 5.0 500 2500 1.4 (-55 to +150) (-55 to +150)
600 420 600
800 560 800
1000 700 1000
Notes: 1.Unit mounted on 9"x3.5"x4.6"(23cmx9cmx11.8cm) AL Plate.
2.Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency with#10 screw
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC4005 THRU GBPC4010
VOLTAGE RANGE CURRENT
50 to 1000 Volts 40.0 Amperes
RATINGS AND CHARACTERISTICS CURVES GBPC40005 THRU GBPC4010
FIG. 1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
50 700 45 40 35 30 25 20 15 10 5 0 0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
600 500 400 300 200 100
AVERAGE FORWARD CURRENT, (A)
PEAK FORWARD SURGE CURRENT,(A)
Heat Sink Mounting 9" x 3.5" x4.6" Thick (23x9x11.8cm) AL. Finned Plate
8.3ms Single Half-Wave (JEDEC Method) T j =T j max
Single Phase Half wave 60Hz lnductive of Resistive Load
25 50 75 100 125 150 175
1 CYCLE
1 2 4 6 8 10 20 40 60 80 100
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE () FIG. 3- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE LEMENT
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE LEMENT
100
INSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (A)
TJ =100
10
10
1.0
1.0
TJ =25 PULSE WIDTH=300s 1% DUTY CYCLE
TJ =25
0.1
0.1
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 5- MAXIMUM POWER DISSIPATION AVERAGE POWER DIS SIPATION OF BRIDGE (W)
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
80
60
Tj =T j max Capacitive Load
40
20
Resistive or Inductive Load
0
0
5
10
15
20
25
30
35
40
45
50
AVERAGE OUTPUT CURRENT, (A)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of GBPC40005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X